Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 174Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 175Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 176Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 177Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 178Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 179Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 180Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 181Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 439 page
background image
21.
TMR2 - Timer2 Module
The Timer2 module is an 8-bit timer that incorporates the following features:
• 8-bit timer and period registers
• Readable and writable
• Software programmable prescaler (1:1 to 1:128)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on T2TMR match with T2PR
• One-shot operation
• Full asynchronous operation
• Includes Hardware Limit Timer (HLT)
• Alternate clock sources
• External timer Reset signal sources
• Configurable timer Reset operation
See figure below for a block diagram of Timer2.
Important:  References to module Timer2 apply to all the even numbered timers on this device (Timer2,
Timer4, etc.).
Figure 21-1. Timer2 with Hardware Limit Timer (HLT) Block Diagram
Rev. 10-000168D
4/29/2019
MODE[3]
Clear ON
TxTMR
Comparator
TxPR
CSYNC
ON
OUTPS
Postscaler
Set flag bit
TMRxIF
TMRx_postscaled
CKPOL
MODE
PSYNC
Prescaler
CKPS
TMRx_clk
RSEL
R
Sync
(2 Clocks)
Edge Detector
Level Detector
Mode Control
(2 clock Sync)
TMRx_ers
0
1
1
0
enable
reset
Sync
Fosc/4
D
Q
CCP_pset(1)
MODE[4:3] =
'b01
MODE[4:1] =
'b1011
PPS
TxINPPS
TxIN
External
Reset
Sources(2)
CS
PPS
TxINPPS
TxIN
See
TxCLKCON
register(3)
Notes: 
1.
Signal to the CCP peripheral for PWM pulse trigger in PWM mode.
2.
See RSEL for external Reset sources.
3.
See CS for clock source selections.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com