Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 178Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 179Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 180Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 181Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 439 page
background image
...........continued
Mode
MODE
Output
Operation
Operation
Timer Control
[4:3] [2:0]
Start
Reset
Stop
Monostable
10
000
Reserved
001
Edge-Triggered Start
(Note 1)
Rising edge start
(Figure 21-11)
ON = 1 and
TMRx_ers ↑
—
ON = 0
or
Next clock after
TxTMR = TxPR
(Note 3)
010
Falling edge start
ON = 1 and
TMRx_ers ↓
—
011
Any edge start
ON = 1 and
TMRx_ers ↕
—
Reserved
100
Reserved
Reserved
101
Reserved
One Shot
110 Level-Triggered Start
and
Hardware Reset
High-level start and
Low-level Reset (Figure 21-12)
ON = 1 and
TMRx_ers = 1 TMRx_ers = 0
ON = 0 or
Held in Reset
(Note 2)
111
Low-level start and
High-level Reset
ON = 1 and
TMRx_ers = 0 TMRx_ers = 1
Reserved
11 xxx
Reserved
Notes: 
1.
If ON = 0, then an edge is required to restart the timer after ON = 1.
2.
When T2TMR = T2PR, the next clock clears ON and stops T2TMR at 00h.
3.
When T2TMR = T2PR, the next clock stops T2TMR at 00h but does not clear ON.
21.8
Operation Examples
Unless otherwise specified, the following notes apply to the following timing diagrams:
• Both the prescaler and postscaler are set to 1:1 (both the CKPS and OUTPS bits).
• The diagrams illustrate any clock except FOSC/4 and show clock-sync delays of at least two full cycles for both
ON and TMRx_ers. When using FOSC/4, the clock-sync delay is at least one instruction period for TMRx_ers;
ON applies in the next instruction period.
• ON and TMRx_ers are somewhat generalized, and clock-sync delays may produce results that are slightly
different than illustrated.
• The PWM Duty Cycle and PWM output are illustrated assuming that the timer is used for the PWM function of
the CCP module as described in the “PWM Overview” section. The signals are not a part of the Timer2 module.
21.8.1
Software Gate Mode
This mode corresponds to legacy Timer2 operation. The timer increments with each clock input when ON = 1, and
does not increment when ON = 0. When the TxTMR count equals the TxPR period count, the timer resets on the next
clock and continues counting from zero. Operation with the ON bit software controlled is illustrated in Figure 21-3.
With TxPR = 5, the counter advances until TxTMR = 5, and goes to zero with the next clock.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com