Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 439 page
background image
21.8.5
Software Start One Shot Mode
In One Shot mode, the timer resets and the ON bit is cleared when the timer value matches the TxPR period value.
The ON bit must be set by software to start another timer cycle. Setting MODE = ‘b01000 selects One Shot mode
which is illustrated in Figure 21-7. In the example, ON is controlled by BSF and BCF instructions. In the first case, a
BSF instruction sets ON and the counter runs to completion and clears ON. In the second case, a BSF instruction
starts the cycle, the BCF/BSF instructions turn the counter off and on during the cycle, and then it runs to completion.
When One Shot mode is used in conjunction with the CCP PWM operation, the PWM pulse drive starts concurrent
with setting the ON bit. Clearing the ON bit while the PWM drive is active will extend the PWM drive. The PWM drive
will terminate when the timer value matches the CCPRx pulse-width value. The PWM drive will remain off until the
software sets the ON bit to start another cycle. If the software clears the ON bit after the CCPRx match but before the
TxPR match, then the PWM drive will be extended by the length of time the ON bit remains cleared. Another timing
cycle can only be initiated by setting the ON bit after it has been cleared by a TxPR period count match.
Figure 21-7. Software Start One Shot Mode Timing Diagram (MODE = ‘b01000)
Rev. 10-000 199C
3/6/201 9
TMRx_clk
ON
TxPR
TxTMR
BSF
BSF
5
0
1
2
3
4
5
0
4
3
1
2
5
0
TMRx_postscaled
BCF
BSF
PWM Duty
Cycle
3
PWM Output
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU
to set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
Instruction
(1)
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com