Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 439 page
background image
21.8.7
Edge Triggered Hardware Limit One Shot Mode
In Edge Triggered Hardware Limit One Shot modes, the timer starts on the first external signal edge after the ON bit
is set and resets on all subsequent edges. Only the first edge after the ON bit is set is needed to start the timer. The
counter will resume counting automatically two clocks after all subsequent external Reset edges. Edge triggers are
as follows:
• Rising edge start and Reset (MODE = ‘b01100)
• Falling edge start and Reset (MODE = ‘b01101)
The timer resets and clears the ON bit when the timer value matches the TxPR period value. External signal edges
will have no effect until after software sets the ON bit. Figure 21-9 illustrates the rising edge hardware limit one-shot
operation.
When this mode is used in conjunction with the CCP, then the first starting edge trigger, and all subsequent Reset
edges, will activate the PWM drive. The PWM drive will deactivate when the timer matches the CCPRx pulse-width
value and stay deactivated until the timer halts at the TxPR period match unless an external signal edge resets the
timer before the match occurs.
Figure 21-9. Edge Triggered Hardware Limit One Shot Mode Timing Diagram (MODE = ‘b01100)
Rev. 10-000 201C
3/6/201 9
TMRx_clk
ON
TxPR
TxTMR
BSF
BSF
5
0
1
2
3
4
5
0
0
1
2
TMRx_postscaled
TMRx_ers
1
2
3
4
5
0
PWM Duty
Cycle
3
PWM Output
Instruction
(1)
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com