Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 439 page
background image
21.8.8
Level Reset, Edge Triggered Hardware Limit One Shot Modes
In Level Triggered One Shot mode, the timer count is reset on the external signal level and starts counting on the
rising/falling edge of the transition from Reset level to the active level while the ON bit is set. Reset levels are
selected as follows:
• Low Reset level (MODE = ‘b01110)
• High Reset level (MODE = ‘b01111)
When the timer count matches the TxPR period count, the timer is reset and the ON bit is cleared. When the ON bit
is cleared by either a TxPR match or by software control, a new external signal edge is required after the ON bit is set
to start the counter.
When Level-Triggered Reset One Shot mode is used in conjunction with the CCP PWM operation, the PWM drive
goes active with the external signal edge that starts the timer. The PWM drive goes inactive when the timer count
equals the CCPRx pulse-width count. The PWM drive does not go active when the timer count clears at the TxPR
period count match.
Figure 21-10. Low Level Reset, Edge Triggered Hardware Limit One Shot Mode Timing Diagram (MODE =
‘b01110)
Rev. 10-000 202C
3/6/201 9
TMRx_clk
ON
TxPR
TxTMR
BSF
BSF
5
0
1
2
3
4
5
0
0
1
TMRx_postscaled
TMRx_ers
1
2
3
4
0
PWM Duty
Cycle
3
PWM Output
5
Instruction
(1)
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
21.8.9
Edge Triggered Monostable Modes
The Edge Triggered Monostable modes start the timer on an edge from the external Reset signal input, after the ON
bit is set, and stop incrementing the timer when the timer matches the TxPR period value. The following edges will
start the timer:
• Rising edge (MODE = ‘b10001)
• Falling edge (MODE = ‘b10010)
• Rising or Falling edge (MODE = ‘b10011)
When an Edge Triggered Monostable mode is used in conjunction with the CCP PWM operation, the PWM drive
goes active with the external Reset signal edge that starts the timer, but will not go active when the timer matches
the TxPR value. While the timer is incrementing, additional edges on the external Reset signal will not affect the CCP
PWM.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com