Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 193Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 439 page
background image
Figure 21-11. Rising Edge Triggered Monostable Mode Timing Diagram (MODE = ‘b10001)
Rev. 10-000203B
3/6/2019
TMRx_clk
ON
TxPR
TxTMR
BSF
BCF
5
0
1
2
3
4
5
0
1
TMRx_postscaled
TMRx_ers
2
3
4
5
0
PWM Duty
Cycle
3
PWM Output
Instruction(1)
Note: 1. BSF and BCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
BSF
BCF
BSF
1
2
3
4
5
0
21.8.10 Level Triggered Hardware Limit One Shot Modes
The Level Triggered Hardware Limit One Shot modes hold the timer in Reset on an external Reset level and start
counting when both the ON bit is set and the external signal is not at the Reset level. If one of either the external
signal is not in Reset or the ON bit is set, then the other signal being set/made active will start the timer. Reset levels
are selected as follows:
• Low Reset level (MODE = ‘b10110)
• High Reset level (MODE = ‘b10111)
When the timer count matches the TxPR period count, the timer is reset and the ON bit is cleared. When the ON bit
is cleared by either a TxPR match or by software control, the timer will stay in Reset until both the ON bit is set and
the external signal is not at the Reset level.
When Level Triggered Hardware Limit One Shot modes are used in conjunction with the CCP PWM operation, the
PWM drive goes active with either the external signal edge or the setting of the ON bit, whichever of the two starts
the timer.
Figure 21-12. Level Triggered Hardware Limit One Shot Mode Timing Diagram (MODE = ‘b10110)
Rev. 10-000 204B
3/6/201 9
TMRx_clk
Instruction
(1)
ON
TxPR
TxTMR
BSF
BSF
5
0
1
2
3
4
5
0
1
TMRx_postscaled
TMRx_ers
2
1
2
0
PWM Duty
Cycle
D3
PWM Output
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
3
3
4
5
0
BSF
BCF
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com