Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 193Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 194Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 195Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 196Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 197Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 439 page
background image
21.10.3 TxCON
Name: 
TxCON
Offset: 
0x028E
Timerx Control Register
Bit
7
6
5
4
3
2
1
0
ON
CKPS[2:0]
OUTPS[3:0]
Access
R/W/HC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – ON  Timer On(1)
Value
Description
1
Timer is on
0
Timer is off: All counters and state machines are reset
Bits 6:4 – CKPS[2:0] Timer Clock Prescale Select
Value
Description
111
1:128 Prescaler
110
1:64 Prescaler
101
1:32 Prescaler
100
1:16 Prescaler
011
1:8 Prescaler
010
1:4 Prescaler
001
1:2 Prescaler
000
1:1 Prescaler
Bits 3:0 – OUTPS[3:0] Timer Output Postscaler Select
Value
Description
1111
1:16 Postscaler
1110
1:15 Postscaler
1101
1:14 Postscaler
1100
1:13 Postscaler
1011
1:12 Postscaler
1010
1:11 Postscaler
1001
1:10 Postscaler
1000
1:9 Postscaler
0111
1:8 Postscaler
0110
1:7 Postscaler
0101
1:6 Postscaler
0100
1:5 Postscaler
0011
1:4 Postscaler
0010
1:3 Postscaler
0001
1:2 Postscaler
0000
1:1 Postscaler
Note: 
1.
In certain modes, the ON bit will be auto-cleared by hardware. See Table 21-1.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com