Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 193Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 194Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 195Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 196Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 197Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 198Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 439 page
background image
21.10.4 TxHLT
Name: 
TxHLT
Offset: 
0x028F
Timer Hardware Limit Control Register
Bit
7
6
5
4
3
2
1
0
PSYNC
CPOL
CSYNC
MODE[4:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – PSYNC  Timer Prescaler Synchronization Enable(1, 2)
Value
Description
1
Timer Prescaler Output is synchronized to FOSC/4
0
Timer Prescaler Output is not synchronized to FOSC/4
Bit 6 – CPOL  Timer Clock Polarity Selection(3)
Value
Description
1
Falling edge of input clock clocks timer/prescaler
0
Rising edge of input clock clocks timer/prescaler
Bit 5 – CSYNC  Timer Clock Synchronization Enable(4, 5)
Value
Description
1
ON bit is synchronized to timer clock input
0
ON bit is not synchronized to timer clock input
Bits 4:0 – MODE[4:0]  Timer Control Mode Selection(6, 7)
Value
Description
00000 to
11111
See Table 21-1
Notes: 
1.
Setting this bit ensures that reading TxTMR will return a valid data value.
2.
When this bit is ‘1’, the Timer cannot operate in Sleep mode.
3.
CKPOL must not be changed while ON = 1.
4.
Setting this bit ensures glitch-free operation when the ON is enabled or disabled.
5.
When this bit is set, then the timer operation will be delayed by two input clocks after the ON bit is set.
6.
Unless otherwise indicated, all modes start upon ON = 1 and stop upon ON = 0 (stops occur without affecting
the value of TxTMR).
7.
When TxTMR = TxPR, the next clock clears TxTMR, regardless of the operating mode.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com