Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 192Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 193Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 194Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 195Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 196Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 197Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 198Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 199Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 439 page
background image
21.10.5 TxCLKCON
Name: 
TxCLKCON
Offset: 
0x0290
Timer Clock Source Selection Register
Bit
7
6
5
4
3
2
1
0
CS[2:0]
Access
R/W
R/W
R/W
Reset
0
0
0
Bits 2:0 – CS[2:0] Timer Clock Source Selection
Table 21-3. Clock Source Selection
CS
Clock Source
111
Reserved
110
MFINTOSC (32 kHz)
101
MFINTOSC (500 kHz)
100
LFINTOSC
011
HFINTOSC
010
FOSC
001
FOSC/4
000
Pin selected by T2INPPS
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com