Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 190Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 439 page
background image
21.8.6
Edge Triggered One Shot Mode
The Edge Triggered One Shot modes start the timer on an edge from the external signal input, after the ON bit is set,
and clear the ON bit when the timer matches the TxPR period value. The following edges will start the timer:
• Rising edge (MODE = ‘b01001)
• Falling edge (MODE = ‘b01010)
• Rising or Falling edge (MODE = ‘b01011)
If the timer is halted by clearing the ON bit, then another TMRx_ers edge is required after the ON bit is set to resume
counting. Figure 21-8 illustrates operation in the rising edge One Shot mode.
When Edge Triggered One Shot mode is used in conjunction with the CCP, then the edge-trigger will activate the
PWM drive and the PWM drive will deactivate when the timer matches the CCPRx pulse-width value and stay
deactivated when the timer halts at the TxPR period count match.
Figure 21-8. Edge Triggered One Shot Mode Timing Diagram (MODE = ‘b01001)
Rev. 10-000 200C
3/6/201 9
TMRx_clk
ON
TxPR
TxTMR
BSF
BSF
5
0
1
2
3
4
5
0
1
2
CCP_pset
TMRx_postscaled
BCF
TMRx_ers
PWM Duty
Cycle
3
PWM Output
Instruction
(1)
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com