Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 179Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 180Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 181Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 439 page
background image
Figure 21-3. Software Gate Mode Timing Diagram (MODE = ‘b00000)
Rev. 10-000 195C
3/6/201 9
TMRx_clk
Instruction
(1)
ON
TxPR
TxTMR
TMRx_postscaled
BSF
BCF
BSF
5
0
1
2
3
4
5
0
1
2
2
3
4
5
3
4
5
0
1
0
1
PWM Duty
Cycle
3
PWM Output
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
21.8.2
Hardware Gate Mode
The Hardware Gate modes operate the same as the Software Gate mode, except the TMRx_ers external signal can
also gate the timer. When used with the CCP, the gating extends the PWM period. If the timer is stopped when the
PWM output is high, then the duty cycle is also extended.
When MODE = ‘b00001, then the timer is stopped when the external signal is high. When MODE = ‘b00010, then
the timer is stopped when the external signal is low.
Figure 21-4 illustrates the Hardware Gating mode for MODE = ‘b00001 in which a high input level starts the counter.
Figure 21-4. Hardware Gate Mode Timing Diagram (MODE = ‘b00001)
Rev. 10-000 196C
3/6/201 9
TMRx_clk
TMRx_ers
TxPR
TxTMR
TMRx_postscaled
5
0
1
2
3
4
5
0
1
2
3
4
5
0
1
PWM Duty
Cycle
3
PWM Output
21.8.3
Edge Triggered Hardware Limit Mode
In Hardware Limit mode, the timer can be reset by the TMRx_ers external signal before the timer reaches the period
count. Three types of Resets are possible:
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com