Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 181Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 185Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 186Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 187Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 188Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 439 page
background image
21.8.4
Level Triggered Hardware Limit Mode
In the Level Triggered Hardware Limit Timer modes the counter is reset by high or low levels of the external signal
TMRx_ers, as shown in Figure 21-6. Selecting MODE = ‘b00110 will cause the timer to reset on a low-level external
signal. Selecting MODE = ‘b00111 will cause the timer to reset on a high-level external signal. In the example, the
counter is reset while TMRx_ers = 1. ON is controlled by BSF and BCF instructions. When ON = 0, the external signal
is ignored.
When the CCP uses the timer as the PWM time base, then the PWM output will be set high when the timer starts
counting and then set low only when the timer count matches the CCPRx value. The timer is reset when either the
timer count matches the TxPR value or two clock periods after the external Reset signal goes true and stays true.
The timer starts counting, and the PWM output is set high, on either the clock following the TxPR match or two clocks
after the external Reset signal relinquishes the Reset. The PWM output will remain high until the timer counts up to
match the CCPRx pulse-width value. If the external Reset signal goes true while the PWM output is high, then the
PWM output will remain high until the Reset signal is released allowing the timer to count up to match the CCPRx
value.
Figure 21-6. Level Triggered Hardware Limit Mode Timing Diagram (MODE = ‘b00111)
Rev. 10-000 198C
3/5/201 9
TMRx_clk
ON
TxPR
TxTMR
BSF
BCF
BSF
5
0
1
2
0
1
2
3
4
5
1
2
3
TMRx_ers
0
0
4
TMRx_postscaled
5
0
PWM Duty
Cycle
3
PWM Output
Instruction
(1)
Note: 1. BSF andBCF represent Bit-Set File and Bit-Clear File instructions executed by the CPU to
set or clear the ON bit of TxCON. CPU execution is asynchronous to the timer clock input.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com