Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 176Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 177Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 178Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 179Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 180Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 181Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 182Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 183Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 439 page
background image
21.3
External Reset Sources
In addition to the clock source, the Timer2 can also be driven by an external Reset source input. This external Reset
input is selected for each timer with the corresponding TxRST register. The external Reset input can control starting
and stopping of the timer, as well as resetting the timer, depending on the mode used.
21.4
Timer2 Interrupt
Timer2 can also generate a device interrupt. The interrupt is generated when the postscaler counter matches the
selected postscaler value (OUTPS bits of T2CON register). The interrupt is enabled by setting the TMR2IE interrupt
enable bit. Interrupt timing is illustrated in the figure below.
Figure 21-2. Timer2 Prescaler, Postscaler, and Interrupt Timing Diagram
Rev. 10-000 205B
3/6/201 9
TMRx_clk
TxPR
TxTMR
1
0
CKPS
‘b010
TMRx_postscaled
OUTPS
‘b0001
1
0
1
0
1
0
TMRxIF
(1)
Notes: 1. Setting the interrupt flag is synchronized with the instruction clock.
Synchronization may take as many as
two instruction cycles.
2
. Cleared by software.
(1)
(2)
21.5
PSYNC Bit
Setting the PSYNC bit synchronizes the prescaler output to FOSC/4. Setting this bit is required for reading the Timer2
counter register while the selected Timer clock is asynchronous to FOSC/4.
Note:  Setting PSYNC requires that the output of the prescaler is slower than FOSC/4. Setting PSYNC when the
output of the prescaler is greater than or equal to FOSC/4 may cause unexpected results.
21.6
CSYNC Bit
All bits in the Timer2 SFRs are synchronized to FOSC/4 by default, not the Timer2 input clock. As such, if the Timer2
input clock is not synchronized to FOSC/4, it is possible for the Timer2 input clock to transition at the same time as
the ON bit is set in software, which may cause undesirable behavior and glitches in the counter. Setting the CSYNC
bit remedies this problem by synchronizing the ON bit to the Timer2 input clock instead of FOSC/4. However, as this
synchronization uses an edge of the TMR2 input clock, up to one input clock cycle will be consumed and not counted
by the Timer2 when CSYNC is set. Conversely, clearing the CSYNC bit synchronizes the ON bit to FOSC/4, which
does not consume any clock edges, but has the previously stated risk of glitches.
PIC16F15213/14/23/24/43/44
TMR2 - Timer2 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com