Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 238Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 239Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 240Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 241Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 242Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 243Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 244Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 245Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 439 page
background image
24.6.1
TXxSTA
Name: 
TXxSTA
Offset: 
0x011E
Transmit Status and Control Register
Bit
7
6
5
4
3
2
1
0
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
Access
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Reset
0
0
0
0
0
0
1
0
Bit 7 – CSRC Clock Source Select
Value
Condition
Description
1
SYNC = 1
Host mode (clock generated internally from BRG)
0
SYNC = 1
Client mode (clock from external source)
X
SYNC = 0
Don’t care
Bit 6 – TX9 9-Bit Transmit Enable
Value
Description
1
Selects 9-bit transmission
0
Selects 8-bit transmission
Bit 5 – TXEN Transmit Enable
Enables transmitter(1)
Value
Description
1
Transmit enabled
0
Transmit disabled
Bit 4 – SYNC EUSART Mode Select
Value
Description
1
Synchronous mode
0
Asynchronous mode
Bit 3 – SENDB Send Break Character
Value
Condition
Description
1
SYNC = 0
Send Sync Break on next transmission (cleared by hardware upon completion)
0
SYNC = 0
Sync Break transmission disabled or completed
X
SYNC = 1
Don’t care
Bit 2 – BRGH High Baud Rate Select
Value
Condition
Description
1
SYNC = 0
High speed, if BRG16 = 1, baud rate is baudclk/4; else baudclk/16
0
SYNC = 0
Low speed
X
SYNC = 1
Don’t care
Bit 1 – TRMT Transmit Shift Register (TSR) Status
Value
Description
1
TSR is empty
0
TSR is not empty
Bit 0 – TX9D Ninth Bit of Transmit Data
Can be address/data bit or a parity bit.
Note:  1. The SREN and CREN bits override TXEN in Sync mode.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com