Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 239Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 240Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 241Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 242Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 243Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 244Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 245Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 246Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 439 page
background image
24.6.2
RCxSTA
Name: 
RCxSTA
Offset: 
0x011D
Receive Status and Control Register
Bit
7
6
5
4
3
2
1
0
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
Access
R/W
R/W
R/W/HC
R/W
R/W
R
R/HC
R/HC
Reset
0
0
0
0
0
0
0
0
Bit 7 – SPEN Serial Port Enable
Value
Description
1
Serial port enabled
0
Serial port disabled (held in Reset)
Bit 6 – RX9 9-Bit Receive Enable
Value
Description
1
Selects 9-bit reception
0
Selects 8-bit reception
Bit 5 – SREN Single Receive Enable
Controls reception. This bit is cleared by hardware when reception is complete
Value
Condition
Description
1
SYNC = 1 AND CSRC = 1
Start single receive
0
SYNC = 1 AND CSRC = 1
Single receive is complete
X
SYNC = 0 OR CSRC = 0
Don’t care
Bit 4 – CREN Continuous Receive Enable
Value
Condition Description
1
SYNC = 1 Enables continuous receive until enable bit CREN is cleared (CREN overrides SREN)
0
SYNC = 1 Disables continuous receive
1
SYNC = 0 Enables receiver
0
SYNC = 0 Disables receiver
Bit 3 – ADDEN Address Detect Enable
Value
Condition
Description
1
SYNC = 0 AND RX9 = 1 The receive buffer is loaded and the interrupt occurs only when the ninth
received bit is set
0
SYNC = 0 AND RX9 = 1 All bytes are received and interrupt always occurs. Ninth bit can be used as
parity bit
X
RX9 = 0 OR SYNC = 1
Don't care
Bit 2 – FERR Framing Error
Value
Description
1
Unread byte in RCxREG has a framing error
0
Unread byte in RCxREG does not have a framing error
Bit 1 – OERR Overrun Error
Value
Description
1
Overrun error (can be cleared by clearing either SPEN or CREN bit)
0
No overrun error
Bit 0 – RX9D Ninth bit of Received Data
This can be address/data bit or a parity bit which is determined by user firmware.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com