Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 240Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 241Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 242Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 243Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 244Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 245Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 246Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 247Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 439 page
background image
24.6.3
BAUDxCON
Name: 
BAUDxCON
Offset: 
0x011F
Baud Rate Control Register
Bit
7
6
5
4
3
2
1
0
ABDOVF
RCIDL
SCKP
BRG16
WUE
ABDEN
Access
R
R
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
Bit 7 – ABDOVF Auto-Baud Detect Overflow
Value
Condition
Description
1
SYNC = 0
Auto-baud timer overflowed
0
SYNC = 0
Auto-baud timer did not overflow
X
SYNC = 1
Don’t care
Bit 6 – RCIDL Receive Idle Flag
Value
Condition
Description
1
SYNC = 0
Receiver is Idle
0
SYNC = 0
Start bit has been received and the receiver is receiving
X
SYNC = 1
Don’t care
Bit 4 – SCKP Clock/Transmit Polarity Select
Value
Condition
Description
1
SYNC = 0
Idle state for transmit (TX) is a low level (transmit data inverted)
0
SYNC = 0
Idle state for transmit (TX) is a high level (transmit data is noninverted)
1
SYNC = 1
Data is clocked on rising edge of the clock
0
SYNC = 1
Data is clocked on falling edge of the clock
Bit 3 – BRG16 16-bit Baud Rate Generator Select
Value
Description
1
16-bit Baud Rate Generator is used
0
8-bit Baud Rate Generator is used
Bit 1 – WUE Wake-Up Enable
Value
Condition Description
1
SYNC = 0 Receiver is waiting for a falling edge. Upon falling edge, no character will be received and
the RCxIF flag will be set. WUE will automatically clear after RCxIF is set.
0
SYNC = 0 Receiver is operating normally
X
SYNC = 1 Don’t care
Bit 0 – ABDEN Auto-Baud Detect Enable
Value
Condition
Description
1
SYNC = 0
Auto-Baud Detect mode is enabled (clears when auto-baud is complete)
0
SYNC = 0
Auto-Baud Detect is complete or mode is disabled
X
SYNC = 1
Don’t care
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com