Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 263Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 264Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 265Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 266Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 267Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 268Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 269Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 270Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 439 page
background image
25.2.3
I2C Client Mode Operation
The MSSP Client mode operates in one of four modes selected by the MSSP Mode Select (SSPM) bits. The modes
can be divided into 7-bit and 10-bit Addressing mode. 10-bit Addressing modes operate the same as 7-bit with some
additional overhead for handling the larger addresses.
Modes with Start and Stop condition interrupts operate the same as the other modes with SSPxIF additionally getting
set upon detection of a Start, Restart, or Stop condition.
25.2.3.1 Client Mode Addresses
The SSPxADD register contains the Client mode address. The first byte received after a Start or Restart condition is
compared against the value stored in this register. If the byte matches, the value is loaded into the SSPxBUF register
and an interrupt is generated. If the value does not match, the module goes Idle and no indication is given to the
software that anything happened.
The SSPxMSK register affects the address matching process. See 25.2.3.5. SSP Mask Register for more
information.
25.2.3.1.1 I2C Client 7-Bit Addressing Mode
In 7-bit Addressing mode, the LSb of the received data byte is ignored when determining if there is an address
match.
25.2.3.1.2 I2C Client 10-Bit Addressing Mode
In 10-bit Addressing mode, the first received byte is compared to the binary value of ‘1 1 1 1 0 A9 A8 0’. A9 and A8
are the two MSbs of the 10-bit address and stored in bits 2 and 1 of the SSPxADD register.
After the acknowledge of the high byte the Update Address (UA) bit is set and SCL is held low until the user updates
SSPxADD with the low address. The low address byte is clocked in and all eight bits are compared to the low
address value in SSPxADD. Even if there is not an address match; SSPxIF and UA are set, and SCL is held low until
SSPxADD is updated to receive a high byte again. When SSPxADD is updated the UA bit is cleared. This ensures
the module is ready to receive the high address byte on the next communication.
A high and low address match as a write request is required at the start of all 10-bit addressing communication. A
transmission can be initiated by issuing a Restart once the client is addressed and clocking in the high address with
the R/W bit set. The client hardware will then acknowledge the read request and prepare to clock out data. This is
only valid for a client after it has received a complete high and low address byte match.
25.2.3.2 Clock Stretching
Clock stretching occurs when a device on the bus holds the SCL line low, effectively pausing communication. The
client may stretch the clock to allow more time to handle data or prepare a response for the host device. A host
device is not concerned with stretching as anytime it is active on the bus and not transferring data it is stretching. Any
stretching done by a client is invisible to the host software and handled by the hardware that generates SCL.
The CKP bit is used to control stretching in software. Any time the CKP bit is cleared, the module will wait for the SCL
line to go low and then hold it. Setting CKP will release SCL and allow more communication.
25.2.3.2.1 Normal Clock Stretching
Following an ACK if the R/W bit is set (a read request), the client hardware will clear CKP. This allows the
client time to update SSPxBUF with data to transfer to the host. If the Stretch Enable (SEN) bit is set, the client
hardware will always stretch the clock after the ACK sequence. Once the client is ready; CKP is set by software and
communication resumes.
25.2.3.2.2 10-Bit Addressing Mode
In 10-bit Addressing mode, when the UA bit is set, the clock is always stretched. This is the only time the SCL is
stretched without CKP being cleared. SCL is released immediately after a write to SSPxADD.
25.2.3.2.3 Byte NACKing
When the AHEN bit is set, CKP is cleared by hardware after the eighth falling edge of SCL for a received matching
address byte. When the DHEN bit is set, CKP is cleared after the eighth falling edge of SCL for received data.
Stretching after the eighth falling edge of SCL allows the client to look at the received address or data and decide if it
wants to acknowledge (ACK) the received address or data, or not acknowledge (NACK) the address or data.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com