Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 264Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 265Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 266Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 267Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 268Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 269Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 270Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 271Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 439 page
background image
25.2.3.3 Clock Synchronization and the CKP Bit
Any time the CKP bit is cleared, the module will wait for the SCL line to go low and then hold it. However, clearing the
CKP bit will not assert the SCL output low until the SCL output is already sampled low. Therefore, the CKP bit will not
assert the SCL line until an external I2C host device has already asserted the SCL line. The SCL output will remain
low until the CKP bit is set and all other devices on the I2C bus have released SCL.
25.2.3.4 General Call Address Support
The addressing procedure for the I2C bus is such that the first byte after the Start condition usually determines which
device will be the client addressed by the host device. The exception is the General Call address that can address all
devices. When this address is used, all devices must, in theory, respond with an ACK.
The general call address is a reserved address in the I2C protocol, defined as address 0x00. When the General
Call Enable (GCEN) bit is set, the client module will automatically ACK the reception of this address regardless of
the value stored in SSPxADD. After the client clocks in an address of all zeros with the R/W bit clear, an interrupt
is generated and client software can read SSPxBUF and respond. Figure 25-14 shows a General Call reception
sequence.
Figure 25-14. Client Mode General Call Address Sequence
Filename:
General Call Address Sequence.vsdx
Title:
Last Edit:
2/3/2020
First Used:
Notes:
1
2
3
4
5
6
7
8
9
9
1
2
3
4
5
6
7
8
D7
D6
D5
D4
D3
D2
D1
D0
Start
General Call Address
ACK
Receiving Data
Cleared by software
SSPxBUF is read
SDA
SCL
BF
SSPxIF
In 10-bit Address mode, the UA bit will not be set on the reception of the general call address. The client will prepare
to receive the second byte as data, just as it would in 7-bit mode.
If the AHEN bit is set, just as with any other address reception, the client hardware will stretch the clock after the
eighth falling edge of SCL. The client must then set its Acknowledge Sequence Enable (ACKEN) bit and release the
clock.
25.2.3.5 SSP Mask Register
The MSSP Mask (SSPxMSK) register is available in I2C Client mode as a mask for the value held in the SSPSR
register during an address comparison operation. A zero (‘0’) bit in the SSPxMSK register has the effect of making
the corresponding bit of the received address a “don’t care”.
This register is reset to all ‘1’s upon any Reset condition and, therefore, has no effect on standard MSSP operation
until written with a mask value.
SSPxMSK is active during:
• 7-bit Address mode: Address compare of A[7:1]
• 10-bit Address mode: Address compare of A[7:0] only. The MSSP mask has no effect during the reception of the
first (high) byte of the address.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com