Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 270 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 270 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 266Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 267Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 268Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 269Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 270Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 271Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 272Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 273Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 439 page
background image
25.2.3.6.1 7-Bit Addressing Reception
This section describes a standard sequence of events for the MSSP module configured as an I2C client in 7-bit
Addressing mode. Figure 25-15 and Figure 25-16 are used as a visual reference for this description.
This is a step by step process of what typically must be done to accomplish I2C communication.
1.
Start condition detected.
2.
The Start (S) bit is set; SSPxIF is set if the Start Condition Interrupt Enable (SCIE) bit is set.
3.
Matching address with R/W bit clear is received.
4.
The client pulls SDA low, sending an ACK to the host, and sets SSPxIF bit.
5.
Software clears the SSPxIF bit.
6.
Software reads received address from SSPxBUF, clearing the BF flag.
7.
If SEN = 1; Client software sets the CKP bit to release the SCL line.
8.
The host clocks out a data byte.
9.
Client drives SDA low, sending an ACK to the host, and sets SSPxIF bit.
10. Software clears SSPxIF.
11. Software reads the received byte from SSPxBUF, clearing BF.
12. Steps 8-12 are repeated for all received bytes from the host.
13. Host sends Stop condition, setting the Stop (P) bit, and the bus goes Idle.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com