Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 269Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 270Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 271Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 272Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 273Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 274Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 275Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 276Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 439 page
background image
25.2.3.6.2 7-Bit Reception with AHEN and DHEN
Client device reception with AHEN and DHEN set operate the same as without these options with extra interrupts
and clock stretching added after the eighth falling edge of SCL. These additional interrupts allow the client software
to decide whether it wants to ACK the receive address or data byte, rather than the hardware. This functionality adds
support for PMBus™ that was not present on previous versions of this module.
This list describes the steps that need to be taken by client software to use these options for I2C communication.
Figure 25-17 displays a module using both address and data holding. Figure 25-18 includes the operation with the
SEN bit set.
1.
The Start (S) bit is set; SSPxIF is set if SCIE is set.
2.
Matching address with the R/W bit clear is clocked in. SSPxIF is set and CKP cleared after the eighth falling
edge of SCL.
3.
Software clears the SSPxIF.
4.
Client can look at the ACKTIM bit to determine if the SSPxIF was after or before the ACK.
5.
Client reads the address value from SSPxBUF, clearing the BF flag.
6.
Client transmits an ACK to the host by clearing ACKDT.
7.
Client releases the clock by setting CKP.
8.
SSPxIF is set after an ACK, not after a NACK.
9.
If SEN = 1, the client hardware will stretch the clock after the ACK.
10. Client clears SSPxIF.
Important:  SSPxIF is still set after the ninth falling edge of SCL even if there is no clock stretching
and BF has been cleared. Only if a NACK is sent to the host is SSPxIF not set.
11. SSPxIF is set and CKP cleared after eighth falling edge of SCL for a received data byte.
12. Client looks at the ACKTIM bit to determine the source of the interrupt.
13. Client reads the received data from SSPxBUF, clearing BF.
14. Steps 7-14 are the same for each received data byte.
15. Communication is ended by either the client sending a NACK, or the host sending a Stop condition. If a Stop is
sent and the Stop Condition Interrupt Enable (PCIE) bit is clear, the client will only know by polling the Stop (P)
bit.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com