Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 273Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 274Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 275Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 276Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 277Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 278Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 279Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 439 page
background image
Figure 25-19. I2C Client, 10-Bit Address, Reception (SEN = 1, AHEN = 0, DHEN = 0)
rotatethispage90
Filename:
Client Mode Waveform (10-bit Reception SEN = 1 AHEN = 0 DHEN =0).vsdx
Title:
Last Edit:
2/19/2021
First Used:
Notes:
1
1
2 3
2 3
4
4
5
5
6
6
7
7
8
8
9
9
1 2 3 4 5 6 7 8
9
1 1 1 1 0 A9 A8 0
A7 A6 A5
D5
D6
D7
A4
D4
A3
D3
A2
D2
A1
D1
A0
SDA
SCL
BF
SSPxIF
UA
High address
R/W
ACK
1 2 3 4 5 6 7 8
9
Low address
Cleared by
software
If address matches
SSPxADD it is loaded
into SSPxBUF
When UA =
1, SCL
is held low
Set by hardware on
9
th falling edge
Receive data
Receive address is read
from SSPxBUF
Software updates
SSPxADD, hardware clears
UA and releases SCL
Data is read
from SSPxBUF
Set by software,
releasing SCL
When SEN =
1; CKP is
cleared after 9
th falling edge
of received byte
CKP
Start (from Host)
S
D5
D6
D7
D4 D3 D2 D1
Receive data
D0
D0
ACK
Stop (from Host)
P
SCL is held low
while CKP = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com