Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 272Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 273Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 274Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 275Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 276Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 277Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 278Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 279Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 439 page
background image
25.2.3.6.3 Client Mode 10-Bit Address Reception
This section describes a standard sequence of events for the MSSP module configured as an I2C client in 10-bit
Addressing mode. Figure 25-19 shows a standard waveform for a client receiver in 10-bit Addressing mode with
clock stretching enabled.
This is a step-by-step process of what must be done by the client software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Host sends Start condition; S bit is set; SSPxIF is set if SCIE is set.
3.
Host sends matching high address with the R/W bit clear; the UA bit is set.
4.
Client sends ACK and SSPxIF is set.
5.
Software clears the SSPxIF bit.
6.
Software reads received address from SSPxBUF, clearing the BF flag.
7.
Client loads low address into SSPxADD, releasing SCL.
8.
Host sends matching low address byte to the client; UA bit is set.
Important:  Updates to the SSPxADD register are not allowed until after the ACK sequence.
9.
Client sends ACK and SSPxIF is set.
Important:  If the low address does not match, SSPxIF and UA are still set so that the client
software can set SSPxADD back to the high address. BF is not set because there is no match. CKP
is unaffected.
10. Client clears SSPxIF.
11. Client reads the received matching address from SSPxBUF, clearing BF.
12. Client loads high address into SSPxADD.
13. Host clocks a data byte to the client and clocks out the client ACK on the ninth SCL pulse; SSPxIF is set.
14. If the SEN bit is set, CKP is cleared by hardware and the clock is stretched.
15. Client clears SSPxIF.
16. Client reads the received byte from SSPxBUF, clearing BF.
17. If SEN is set the client software sets CKP to release the SCL.
18. Steps 13-17 repeat for each received byte.
19. Host sends Stop to end the transmission.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com