Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 275Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 276Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 277Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 278Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 279Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 281Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 282Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 439 page
background image
Figure 25-20. I2C Client, 10-Bit Address, Reception (SEN = 0, AHEN = 1, DHEN = 0)
rotatethispage90
A7
Filename:
Client Mode Waveform (10-bit Reception SEN = 0 AHEN = 1 DHEN =0).vsdx
Title:
Last Edit:
2/19/2021
First Used:
Notes:
1
1
2 3
2 3
4
4
5
5
6
6
7
7
8
8
9
9
1 2
1 1 1 1 0 A9 A8 0
A6 A5
D5
D6
D7
A4 A3 A2 A1 A0
SDA
SCL
BF
SSPxIF
UA
High address
R/W
1 2 3 4 5 6 7 8
9
Low address
Cleared by
software
Set by hardware on
9
th falling edge
Receive data
CKP
S
D5
D6
D7
D4 D3 D2 D1
Receive data
D0
ACKTIM
ACKDT
ACK
ACK
ACK
Cleared by
software
SSPxBUF can be read
anytime before the
next received byte
Received data
is read from
SSPxBUF
Client software clears
ACKDT to ACK the
received byte
Update to SSPxADD
is not allowed until 9
th
falling edge of SCL
Update of SSPxADD,
clears UA and releases
SCL
If when AHEN =
1;
on the 8
th falling
edge of SCL of an
address
byte, CKP is
cleared
ACKTIM is set by hardware
on 8
th falling edge of SCL
Set CKP with software
releases SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com