Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 282 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 282 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 278Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 279Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 281Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 282Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 439 page
background image
25.2.3.7.2 7-Bit Transmission
A host device can transmit a read request to a client, and then clock data out of the clien. The list below outlines what
software for a client will need to do to accomplish a standard transmission. Figure 25-22 can be used as a reference
to this list.
1.
Host sends a Start condition.
2.
The Start (S) bit is set; SSPxIF is set if SCIE is set.
3.
Matching address with R/W bit set is received by the Client, setting SSPxIF bit.
4.
Client hardware generates an ACK and sets SSPxIF.
5.
The SSPxIF bit is cleared by software.
6.
Software reads the received address from SSPxBUF, clearing BF.
7.
R/W is set so CKP was automatically cleared after the ACK.
8.
The client software loads the transmit data into SSPxBUF.
9.
CKP bit is set by software, releasing SCL, allowing the host to clock the data out of the client.
10. SSPxIF is set after the ACK response from the host is loaded into the ACKSTAT bit.
11. SSPxIF bit is cleared.
12. The client software checks the ACKSTAT bit to see if the host wants to clock out more data.
Important: 
1.
If the host ACKs then the clock will be stretched.
2.
ACKSTAT is the only bit updated on the rising edge of the ninth SCL clock instead of the falling
edge.
13. Steps 9-13 are repeated for each transmitted byte.
14. If the host sends a not ACK; the clock is not held, but SSPxIF is still set.
15. The host sends a Restart condition or a Stop.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com