Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 284 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 284 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 281Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 282Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 439 page
background image
25.2.3.7.3 7-Bit Transmission with Address Hold Enabled
Setting the AHEN bit enables additional clock stretching and interrupt generation after the eighth falling edge of a
received matching address. Once a matching address has been clocked in, CKP is cleared and the SSPxIF interrupt
is set.
Figure 25-23 displays a standard waveform of a 7-bit address client transmission with AHEN enabled.
1.
Bus starts Idle.
2.
Host sends Start condition; the S bit is set; SSPxIF is set if SCIE is set.
3.
Host sends matching address with the R/W bit set. After the eighth falling edge of the SCL line the CKP bit is
cleared and SSPxIF interrupt is generated.
4.
Client software clears SSPxIF.
5.
Client software reads the ACKTIM, R/W and D/A bits to determine the source of the interrupt.
6.
Client reads the address value from the SSPxBUF register, clearing the BF bit.
7.
Client software decides from this information if it wishes to ACK or NACK and sets the ACKDT bit accordingly.
8.
Client software sets the CKP bit, releasing SCL.
9.
Host clocks in the ACK value from the client.
10. Client hardware automatically clears the CKP bit and sets SSPxIF after ACK if the R/W bit is set.
11. Client software clears SSPxIF.
12. Client loads value to transmit to the host into SSPxBUF, setting the BF bit.
Important:  SSPxBUF cannot be loaded until after the ACK.
13. Client software sets the CKP bit, releasing the clock.
14. Host clocks out the data from the client and sends an ACK value on the ninth SCL pulse.
15. Client hardware copies the ACK value into the ACKSTAT bit.
16. Steps 10-15 are repeated for each byte transmitted to the host from the client.
17. If the host sends a not ACK, the client releases the bus allowing the host to send a Stop and end the
communication.
Important:  Host must send a not ACK on the last byte to ensure that the client releases the SCL
line to receive a Stop.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com