Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 288 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 288 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 290Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 291Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 439 page
background image
Figure 25-25. First Start Bit Timing
Filename:
First Start Bit Timing.vsdx
Title:
Last Edit:
2/4/2020
First Used:
Notes:
Rev. First St ar
2/4/2020
Write to
the SEN bit
SDA
SCL
SDA, SCL
sampled high
TBRG
TBRG
TBRG
TBRG
Set
the S bit
Write to SSPxBUF
1
st bit
2
nd bit
25.2.4.1.4 I2C Host Mode Repeated Start Condition Timing
A Repeated Start condition (see Figure 25-26) occurs when the Repeated Start Condition Enable (RSEN) bit is
programmed high and the host state machine is Idle. When the RSEN bit is set, the SCL pin is asserted low. When
the SCL pin is sampled low, the Baud Rate Generator is loaded and begins counting. The SDA pin is released
(brought high) for one Baud Rate Generator count (TBRG). When the Baud Rate Generator times out, if SDA is
sampled high, the SCL pin will be deasserted (brought high). When SCL is sampled high, the Baud Rate Generator
is reloaded and begins counting. SDA and SCL must remain high for one TBRG. Module hardware then pulls the SDA
line low (while SCL remains high) for one TBRG, and then pulls the SCL line low. Following this, the RSEN bit will be
automatically cleared and the Baud Rate Generator will not be reloaded, leaving the SDA pin held low. As soon as
a Start condition is detected on the SDA and SCL pins, the S bit will be set. The SSPxIF bit will not be set until the
Baud Rate Generator has timed out.
Important: 
1.
If RSEN is programmed while any other event is in progress, it will not take effect.
2.
A bus collision during the Repeated Start condition occurs if:
– SDA is sampled low when SCL goes from low-to-high.
– SCL goes low before SDA is asserted low. This may indicate that another host is attempting to
transmit a data ‘1’.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com