Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 291 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 291 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 290Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 291Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 292Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 293Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 294Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 439 page
background image
25.2.4.2.2 WCOL Status Flag
If the user writes the SSPxBUF when a transmit is already in progress (i.e., SSPSR is still shifting out a data byte),
the Write Collision Detect (WCOL) bit is set and the contents of the buffer are unchanged (the write does not occur).
The WCOL bit must be cleared by software before the next transmission.
25.2.4.2.3 ACKSTAT Status Flag
In Transmit mode, the Acknowledge Status (ACKSTAT) bit is cleared when the client has sent an Acknowledge (ACK
= 0), and is set when the client issues a NACK. A client sends an ACK when it has recognized its address (including
a General Call), or when the client has properly received its data.
25.2.4.2.4 Typical Transmit Sequence
1.
The Host generates a Start condition by setting the SEN bit.
2.
SSPxIF is set by hardware on completion of the Start.
3.
SSPxIF is cleared by software.
4.
The MSSP module will wait the required start time before any other operation takes place.
5.
Software loads the SSPxBUF with the client address and the R/W bit. In Host Transmit mode, the R/W value is
zero.
6.
Address is shifted out the SDA pin until all eight bits are transmitted. Transmission begins as soon as
SSPxBUF is written to.
7.
The MSSP module shifts in the ACK value from the client device and writes its into the ACKSTAT bit.
8.
The MSSP module generates an interrupt at the end of the ninth clock cycle by setting the SSPxIF bit.
9.
Software loads the SSPxBUF with eight bits of data.
10. Data is shifted out the SDA pin until all eight bits are transmitted.
11. The MSSP module shifts in the ACK bit from the client device and writes its value into the ACKSTAT bit.
12. Steps 8-11 are repeated for all transmitted data bytes.
13. The user generates a Stop or Restart condition by setting the PEN or RSEN bits, respectively. An Interrupt is
generated once the Stop/Restart condition is complete.
Figure 25-29. I2C Host Mode Waveform (Transmission, 7-Bit Address)
Filename:
Master Mode Waveform (7-bit transmision).vsdx
Title:
Last Edit:
2/4/2020
First Used:
Notes:
Rev. Mast er Mod
2/4/2020
SDA
SCL
SSPxIF
BF
SEN
PEN
Set
the SEN bit
Cleared by
hardware
SSPxBUF loaded with
address and R/W bit
A7 A6 A5 A4 A3 A2 A1
R/W =
0
ACK
SCL stretched while
CPU responds to
SSPxIF
From
client,
ACKSTAT =
0
D7 D6 D5 D4 D3 D2 D1 D0
NACK,
ACKSTAT =
1
Cleared by
software
Cleared by
software
Cleared by
software
Cleared by
hardware
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com