Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 290Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 291Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 292Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 293Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 439 page
background image
Figure 25-28. Stop Condition in Receive or Transmit Mode
Filename:
Stop Condition in Receive or Transmit Mode.vsdx
Title:
Last Edit:
2/4/2020
First Used:
Notes:
Rev. St op Condi
2/4/2020
Set
the PEN bit
9
th falling SCL
edge
ACK/NACK
TBRG
TBRG
TBRG
PEN bit cleared;
SSPxIF set
The P bit set
SCL
SDA
Write Collision on Stop
If the user writes the SSPxBUF when a Stop sequence is in progress, then the WCOL bit is set and the contents of
the buffer are unchanged (the write does not occur).
25.2.4.1.7 Sleep Operation
While in Sleep mode, the I2C client module can receive addresses or data and when an address match or complete
byte transfer occurs, wake the processor from Sleep (if the MSSP interrupt is enabled).
25.2.4.1.8 Effects of a Reset
A Reset disables the MSSP module and terminates the current transfer.
25.2.4.2 I2C Host Mode Transmission
Transmission of a data byte, a 7-bit address or the other half of a 10-bit address is accomplished by simply writing a
value to the SSPxBUF register. This action will set the Buffer Full Status (BF) bit and allow the Baud Rate Generator
to begin counting and start the next transmission.
Each bit of address/data will be shifted out onto the SDA pin after the falling edge of SCL is asserted. SCL is held
low for one Baud Rate Generator rollover count (TBRG). Data must be valid before SCL is released high. When the
SCL pin is released high, it is held that way for TBRG. The data on the SDA pin must remain stable for that duration
and some hold time after the next falling edge of SCL. After the eighth bit is shifted out (the falling edge of the eighth
clock), the BF flag is cleared and the host releases SDA. This allows the client device being addressed to respond
with an ACK sequence during the ninth bit time if an address match occurred, or if data was received properly. The
status of ACK is written into the Acknowledge Status (ACKSTAT) bit on the rising edge of the ninth clock. If the host
receives an ACK, the ACKSTAT bit is cleared. If a NACK is received, ACKSTAT is set. After the ninth clock, the
SSPxIF bit is set and the host clock (Baud Rate Generator) is suspended until the next data byte is loaded into the
SSPxBUF, leaving SCL low and SDA unchanged (see Figure 25-29).
After the write to the SSPxBUF, each bit of the address will be shifted out on the falling edge of SCL until all seven
address bits and the R/W bit are completed. On the falling edge of the eighth clock, the host will release the SDA pin,
allowing the client to respond with an ACK. On the falling edge of the ninth clock, the host will sample the SDA pin to
see if the address was recognized by a client. The status of the ACK bit is loaded into the ACKSTAT bit.
Following the falling edge of the ninth clock transmission of the address, the SSPxIF is set, the BF flag is cleared and
the Baud Rate Generator is turned off until another write to the SSPxBUF takes place, holding SCL low and allowing
SDA to float.
25.2.4.2.1 BF Status Flag
In Transmit mode, the Buffer Full Status (BF) bit is set when the CPU writes to SSPxBUF, and is cleared when all
eight bits are shifted out.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com