Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 282Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 439 page
background image
25.2.4
I2C Host Mode
Host mode is enabled by configuring the appropriate SSPM bits and setting the SSPEN bit. In Host mode, the SDA
and SCL pins must be configured as inputs. The MSSP peripheral hardware will override the output driver TRIS
controls when necessary to drive the pins low.
Host mode of operation is supported by interrupt generation on the detection of the Start and Stop conditions. The
Stop (P) and Start (S) bits are cleared from a Reset or when the MSSP module is disabled. Control of the I2C bus
may be taken when the P bit is set, or the bus is Idle.
In Firmware Controlled Host mode, user code conducts all I2C bus operations based on Start and Stop condition
detection. Start and Stop condition detection is the only active circuitry in this mode. All other communication is done
by the user software directly manipulating the SDA and SCL lines.
The following events will cause the MSSP Interrupt Flag (SSPxIF) bit to be set (MSSP interrupt, if enabled):
• Start condition detected
• Stop condition detected
• Data transfer byte transmitted/received
• Acknowledge transmitted/received
• Repeated Start generated
Important: 
1.
The MSSP module, when configured in I2C Host mode, does not allow queuing of events. For
instance, the user is not allowed to initiate a Start condition and immediately write the SSPxBUF
register to initiate transmission before the Start condition is complete. In this case, SSPxBUF will
not be written to and the Write Collision Detect (WCOL) bit will be set, indicating that a write to
SSPxBUF did not occur.
2.
Host mode suspends Start/Stop detection when sending the Start/Stop condition by means of the
SEN/PEN control bits. The SSPxIF bit is set at the end of the Start/Stop generation when hardware
clears the control bit.
25.2.4.1 I2C Host Mode Operation
The host device generates all of the serial clock pulses and the Start and Stop conditions. A transfer is ended with
a Stop condition or with a Repeated Start condition. Since the Repeated Start condition is also the beginning of the
next serial transfer, the I2C bus will not be released.
In Host Transmitter mode, serial data is output through SDA, while SCL outputs the serial clock. The first byte
transmitted contains the client address of the receiving device (seven bits) and the R/W bit. In this case, the R/W bit
will be logic ‘0’. Serial data is transmitted eight bits at a time. After each byte is transmitted, an Acknowledge bit is
received. Start and Stop conditions are output to indicate the beginning and the end of a serial transfer.
In Host Receive mode, the first byte transmitted contains the client address of the transmitting device (seven bits)
and the R/W bit. In this case, the R/W bit will be logic ‘1’. Thus, the first byte transmitted is a 7-bit client address
followed by a ‘1’ to indicate the receive bit. Serial data is received via SDA, while SCL outputs the serial clock. Serial
data is received eight bits at a time. After each byte is received, an Acknowledge sequence is transmitted. Start and
Stop conditions indicate the beginning and end of transmission.
A Baud Rate Generator is used to set the clock frequency output on SCL. See 25.3. Baud Rate Generator for more
details.
25.2.4.1.1 Clock Arbitration
Clock arbitration occurs when the host, during any receive, transmit or Repeated Start/Stop condition, releases the
SCL pin (SCL allowed to float high). When the SCL pin is allowed to float high, the Baud Rate Generator (BRG) is
suspended from counting until the SCL pin is actually sampled high. When the SCL pin is sampled high, the Baud
Rate Generator is reloaded with the contents of SSPxADD and begins counting. This ensures that the SCL high time
will always be at least one BRG rollover count in the event that the clock is held low by an external device as shown
in Figure 25-24.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com