Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 287 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 287 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 290Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 439 page
background image
Figure 25-24. Baud Rate Generator Timing with Clock Arbitration
Filename:
Baud Rate Generator Timing with Clock Arbitration.vsdx
Title:
Last Edit:
2/22/2021
First Used:
Notes:
SDA
SCL
BRG
Reload
BRG
Value
DX
DX, -1
03h
02h
01h
00h (hold off)
03h
02h
BRG decrements on
Q2 and Q4 cycles
SCL is sampled high, reload takes
place and BRG starts its count
SCL deasserted but client holds
SCL low (clock arbitration)
SCL allowed to
transition high
25.2.4.1.2 WCOL Status Flag
If the user writes the SSPxBUF when a Start, Restart, Stop, Receive or Transmit sequence is in progress, the Write
Collision Detect (WCOL) bit is set and the contents of the buffer are unchanged (the write does not occur). Any time
the WCOL bit is set it indicates that an action on SSPxBUF was attempted while the module was not Idle.
Important:  Because queuing of events is not allowed, writing to the lower five bits of SSPxCON2 is
disabled until the Start condition is complete.
25.2.4.1.3 I2C Host Mode Start Condition Timing
To initiate a Start condition (see Figure 25-25), the user sets the Start Condition Enable (SEN) bit. If the SDA and
SCL pins are sampled high, the Baud Rate Generator is reloaded with the contents of SSPxADD and starts its count.
If SCL and SDA are both sampled high when the Baud Rate Generator times out (TBRG), the SDA pin is driven low.
The action of the SDA being driven low while SCL is high is the Start condition and causes the Start (S) bit to be
set. Following this, the Baud Rate Generator is reloaded with the contents of SSPxADD and resumes its count. When
the Baud Rate Generator times out (TBRG), the SEN bit will be automatically cleared by hardware; the Baud Rate
Generator is suspended, leaving the SDA line held low and the Start condition is complete.
Important: 
1.
If at the beginning of the Start condition, the SDA and SCL pins are already sampled low, or if
during the Start condition, the SCL line is sampled low before the SDA line is driven low, a bus
collision occurs, the Bus Collision Interrupt Flag (BCLxIF) is set, the Start condition is aborted and
the I2C module is reset into its Idle state.
2.
The Philips I2C Specification states that a bus collision cannot occur on a Start.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com