Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 382 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 382 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 378Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 379Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 380Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 381Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 382Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 383Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 384Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 385Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 386Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 439 page
background image
Figure 32-13. EUSART Synchronous Transmission (Host/Client) Timing
US121
US121
US120
US122
CK
DT
Rev. 30-000081A
4/6/2017
Note:  Refer to Figure 32-3 for load conditions.
32.4.11 EUSART Synchronous Receive Requirements
Table 32-17.
Standard Operating Conditions (unless otherwise stated)
Param No.
Sym.
Characteristic
Min.
Max.
Units Conditions
US125
TDTV2CKL
SYNC RCV (Host and Client)
Data-setup before CK ↓ (DT hold time)
10
—
ns
US126
TCKL2DTL
Data-hold after CK ↓ (DT hold time)
15
—
ns
Figure 32-14. EUSART Synchronous Receive (Host/Client) Timing
US125
US126
CK
DT
Rev. 30-000082A
4/6/2017
Note:  Refer to Figure 32-3 for load conditions.
32.4.12 SPI Mode Requirements
Table 32-18.
Standard Operating Conditions (unless otherwise stated)
Param No.
Sym.
Characteristic
Min.
Typ. †
Max.
Units Conditions
SP70*
TSSL2SCH,
TSSL2SCL
SS↓ to SCK↓ or SCK↑ input
2.25*TCY
—
—
ns
SP71*
TSCH
SCK input high time (Client
mode)
TCY + 20
—
—
ns
SP72*
TSCL
SCK input low time (Client
mode)
TCY + 20
—
—
ns
SP73*
TDIV2SCH,
TDIV2SCL
Setup time of SDI data
input to SCK edge
100
—
—
ns
SP74*
TSCH2DIL,
TSCL2DIL
Hold time of SDI data input
to SCK edge
100
—
—
ns
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com