Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 378 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 378 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 377Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 378Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 379Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 380Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 381Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 439 page
background image
...........continued
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param No. Sym.
Characteristic
Min. Typ. †
Max.
Units Conditions
* - These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Notes: 
1.
Total Absolute Error is the sum of the offset, gain and integral non-linearity (INL) errors.
2.
The ADC conversion result never decreases with an increase in the input and has no missing codes.
32.4.6
Analog-to-Digital Converter (ADC) Conversion Timing Specifications
Table 32-12.
Standard Operating Conditions (unless otherwise stated)
Param No. Sym. Characteristic
Min. Typ. † Max. Units Conditions
AD20
TAD
ADC Clock Period
0.5
—
9
μs
FOSC clock source
AD21
1
2
6
μs
ADCRC clock source
AD22
TCNV Conversion Time
—
11
—
TAD
Set of GO bit to clear of GO
bit
AD23
TACQ Acquisition Time
—
2
—
μs
AD24
THCD Sample and Hold Capacitor
Disconnect Time
—
—
—
—
FOSC clock source
* - These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Figure 32-9. ADC Conversion Timing (ADC Clock FOSC-Based)
BSF ADCON0, GO
GO
Sample
ADC_clk
ADIF
ADRES
OLD DATA
AD20
NEW DATA
AD22
1 TCY
DONE
Sampling Stopped
AD23
AD24
1 TCY
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com