Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 377 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 377 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 377Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 378Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 379Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 380Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 381Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 439 page
background image
Table 32-10.
Standard Operating Conditions (unless otherwise stated)
Param No.
Sym.
Characteristic
Min.
Typ. †
Max.
Units Conditions
RST01*
TMCLR
MCLR Pulse Width Low to
ensure Reset
2
—
—
μs
RST02*
TIOZ
I/O high-impedance from
Reset detection
—
—
2
μs
RST03
TWDT
Watchdog Timer Time-out
Period
—
16
—
ms
1:512 Prescaler
RST04*
TPWRT
Power-up Timer Period
—
65
—
ms
PWRTS = ‘10’ (64 ms)
RST06
VBOR
Brown-out Reset Voltage
2.4
1.8
2.8
1.9
3.0
2.0(1)
V
V
BORV = 0
BORV = 1
RST07
VBORHYS
Brown-out Reset Hysteresis
—
40
—
mV
RST08
TBORDC
Brown-out Reset Response
Time
—
3
—
μs
* - These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note: 
1.
This value corresponds to VBORMAX.
32.4.5
Analog-to-Digital Converter (ADC) Accuracy Specifications(1,2)
Table 32-11.
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param No. Sym.
Characteristic
Min. Typ. †
Max.
Units Conditions
AD01
NR
Resolution
—
—
10
bit
AD02
EIL
Integral Error
—
0.5
±2
LSb ADCREF+ = 3.0V, ADCREF- =
VSS
AD03
EDL
Differential Error
—
0.3
±1
LSb ADCREF+ = 3.0V, ADCREF- =
VSS
AD04
EOFF
Offset Error
—
1
±2
LSb ADCREF+ = 3.0V, ADCREF- =
VSS
AD05
EGN
Gain Error
—
0.8
±2.5
LSb ADCREF+ = 3.0V, ADCREF- =
VSS
AD06
VADREF ADC Reference Voltage
(ADREF+)
1.8
—
VDD
V
AD07
VAIN
Full-Scale Range
VSS
—
ADREF+
V
AD08
ZAIN
Recommended Impedance of
Analog Voltage Source
—
10
—
kΩ
AD09
RVREF ADC Voltage Reference Ladder
Impedance
—
50
—
kΩ
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com