Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 375 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 375 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 377Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 378Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 439 page
background image
32.4.3
I/O and CLKOUT Timing Specifications
Figure 32-6. CLKOUT and I/O Timing
Filename:
CLKOUT and IO Timing.vsdx
Title:
Last Edit:
8/1/2019
First Used:
Notes:
Rev. CLK OUT and
8/1/2019
IO10, IO11
IO4
IO5
IO1
IO8, IO9
IO6, IO7
IO2
IO3
I/O pin
(Input)
I/O pin
(Output)
CLKOUT
FOSC
Cycle
Write
Q4
Fetch
Q1
Read
Q2
Execute
Q3
Table 32-9. I/O and CLKOUT Timing Specifications
Standard Operating Conditions (unless otherwise stated)
Param No. Sym.
Characteristic
Min. Typ. † Max. Units Conditions
IO1*
TCLKOUTH
CLKOUT rising edge delay (rising edge FOSC
(Q1 cycle) to falling edge CLKOUT
—
—
70
ns
IO2*
TCLKOUTL
CLKOUT falling edge delay (rising edge FOSC
(Q3 cycle) to rising edge CLKOUT
—
—
72
ns
IO3*
TIO_VALID
Port output valid time (rising edge FOSC (Q1
cycle) to port valid)
—
50
70
ns
IO4*
TIO_SETUP
Port input setup time (Setup time before rising
edge FOSC – Q2 cycle)
20
—
—
ns
IO5*
TIO_HOLD
Port input hold time (Hold time after rising edge
FOSC – Q2 cycle)
50
—
—
ns
IO6*
TIOR_SLREN Port I/O rise time, slew rate enabled
—
25
—
ns
VDD = 3.0V
IO7*
TIOR_SLRDIS Port I/O rise time, slew rate disabled
—
5
—
ns
VDD = 3.0V
IO8*
TIOF_SLREN Port I/O fall time, slew rate enabled
—
25
—
ns
VDD = 3.0V
IO9*
TIOF_SLRDIS Port I/O fall time, slew rate disabled
—
5
—
ns
VDD = 3.0V
IO10*
TINT
INT pin high or low time to trigger an interrupt
25
—
—
ns
IO11*
TIOC
Interrupt-on-Change minimum high or low time
to trigger interrupt
25
—
—
ns
* - These parameters are characterized but not tested.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com