Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 379 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 379 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 377Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 378Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 379Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 380Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 381Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 382Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 439 page
background image
Figure 32-10. ADC Conversion Timing (ADC Clock from ADCRC)
BSF ADCON0, GO
GO
Sample
ADC_clk
ADIF
ADRES
OLD DATA
AD21
NEW DATA
AD22
1 TCY
DONE
Sampling Stopped
AD24
2 TCY
(1)
AD23
Note: 
1.
If the ADC clock source is selected as ADCRC, a time of TCY is added before the ADC clock starts. This allows
the SLEEP instruction to be executed.
32.4.7
Fixed Voltage Reference (FVR) Specifications
Table 32-13.
Standard Operating Conditions (unless otherwise stated)
Param No.
Sym.
Characteristic
Min.
Typ. †
Max.
Units Conditions
FVR01
VFVR1
1x Gain (1.024V)
-4
—
+4
%
VDD ≥ 2.5V, -20°C to 125°C
-6
—
+6
%
VDD ≥ 2.5V, -20°C to -40°C
FVR02
VFVR2
2x Gain (2.048V)
-4
—
+4
%
VDD ≥ 2.5V, -20°C to 125°C
-6
—
+6
%
VDD ≥ 2.5V, -20°C to -40°C
FVR03
VFVR4
4x Gain (4.096V)
-6
—
+6
%
VDD ≥ 4.75V, -40°C to 125°C
FVR04
TFVRST
FVR Start-up Time
—
60
—
μs
32.4.8
Timer0 and Timer1 External Clock Requirements
Table 32-14.
Standard Operating Conditions (unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +125°C
Param No. Sym.
Characteristic
Min.
Typ. †
Max.
Units Conditions
40*
TT0H
T0CKI High
Pulse Width
No Prescaler
0.5TCY+20
—
—
ns
With Prescaler
10
—
—
ns
41*
TT0L
T0CKI Low
Pulse Width
No Prescaler
0.5TCY+20
—
—
ns
With Prescaler
10
—
—
ns
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com