Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 372 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 372 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 439 page
background image
32.4
AC Characteristics
Figure 32-3. Load Conditions
Filename:
AC Char Load Conditions.vsdx
Title:
Last Edit:
12/12/2019
First Used:
Notes:
Rev. AC Char Lo
12/12/2019
Pin
CL = 50 pF
(for all pins)
VSS
32.4.1
External Clock/Oscillator Timing Requirements
Figure 32-4. Clock Timing
Filename:
Ext Clock Osc Timing Requirements.vsdx
Title:
Last Edit:
8/1/2019
First Used:
Notes:
Rev. Ex t Cloc k
8/1/2019
OS21
OS1,OS3,OS5
OS7,OS8,OS9
OS10,OS20
OS2,
OS4,
OS6
Q4
Q1
Q2
Q3
Q4
Q1
CLKIN
CLKOUT
Table 32-7.
Standard Operating Conditions (unless otherwise stated)
Param No. Sym.
Characteristic
Min.
Typ. †
Max.
Units
Conditions
ECL Oscillator
OS1
FECL
Clock Frequency
—
—
16
MHz
OS2
TECL_DC
Clock Duty Cycle
40
—
60
%
ECH Oscillator
OS5
FECH
Clock Frequency
—
—
32
MHz
OS6
TECH_DC
Clock Duty Cycle
40
—
60
%
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com