Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 370 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 370 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 366Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 439 page
background image
...........continued
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Device Characteristics
Min.
Typ†
Max.
Units
Conditions
Programming Mode Specifications
MEM10 VBE
VDD for Bulk Erase
—
2.9
—
V
(Note 3)
MEM11 IDDPGM Supply Current during
Programming operation
—
—
10
mA
Program Flash Memory Specifications
MEM30 EP
Flash Memory Cell Endurance
10k
—
—
E/W
-40°C ≤ TA ≤ +85°C
(Note 1)
MEM32 TP_RET Characteristic Retention
—
40
—
Year
Provided no other
specifications are violated
MEM33 VP_RD
VDD for Read operation
VDDMIN
—
VDDMAX
V
MEM34 VP_REW VDD for Row Erase or Write
operation
VDDMIN
—
VDDMAX
V
MEM35 TP_REW Self-Timed Row Erase or Self-
Timed Write
—
—
2.8
ms
† - Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Notes: 
1.
Flash Memory Cell Endurance for the Flash memory is defined as: One Row Erase operation and one
Self-Timed Write.
2.
Required only if the LVP bit of the Configuration Words is disabled.
3.
Refer to the Family Programming Specification for more information.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com