Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 366 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 366 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 362Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 363Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 364Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 365Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 366Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 439 page
background image
32.3
DC Characteristics
32.3.1
Supply Voltage
Table 32-1.
Standard Operating Conditions (unless otherwise stated)
Param. No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
Supply Voltage
D002
VDD
1.8
—
5.5
V
FOSC ≤ 16 MHz
2.5
—
5.5
V
FOSC > 16 MHz
RAM Data Retention(1)
D003
VDR
1.7
—
—
V
Device in Sleep
mode
Power-on Reset Release Voltage(2)
D004
VPOR
—
1.6
—
V
BOR disabled(3)
Power-on Reset Rearm Voltage(2)
D005
VPORR
—
1.1
—
V
BOR disabled(3)
VDD Rise Rate to ensure internal Power-on Reset signal(2)
D006
SVDD
0.05
—
—
V/ms
BOR disabled(3)
† - Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Notes: 
1.
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2.
See the following figure: POR and POR REARM with Slow Rising VDD.
3.
See “Reset, WDT, Power-up Timer, and Brown-Out Reset Specifications” for BOR trip point information.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com