Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 368 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 368 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 364Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 365Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 366Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 439 page
background image
32.3.3
Power-Down Current (IPD)(1,2,3)
Table 32-3.
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Device
Characteristics
Min.
Typ.†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
D200
IPD
IPD Base
—
0.40
2.5
12
μA
3.0V
D201
IPD_WDT
Low-Frequency
Internal
Oscillator/WDT
—
0.5
3.6
6.1
μA
3.0V
D203
IPD_FVR
FVR
—
40
64
66
μA
3.0V
D204
IPD_BOR
Brown-out Reset
(BOR)
—
25
35
40
μA
3.0V
D207
IPD_ADCA
ADC - Active
—
—
3
5.6
μA
3.0V
ADC is non-
converting (4)
† - Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Notes: 
1.
The peripheral current is the sum of the base IDD and the additional current consumed when this peripheral is
enabled. The peripheral ∆ current can be determined by subtracting the base IDD or IPDcurrent from this limit.
Max. values should be used when calculating total current consumption.
2.
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode with all I/O pins in high-impedance state and tied to VSS.
3.
All peripheral currents listed are on a per-peripheral basis if more than one instance of a peripheral is
available.
4.
ADC clock source is ADCRC.
32.3.4
I/O Ports
Table 32-4.
Standard Operating Conditions (unless otherwise stated)
Param. No.
Sym.
Device Characteristics
Min.
Typ.†
Max.
Units
Conditions
Input Low Voltage
VIL
I/O PORT:
D300
• with TTL buffer
—
—
0.8
V
4.5V ≤ VDD ≤ 5.5V
D301
—
—
0.15 VDD
V
1.8V ≤ VDD ≤ 4.5V
D302
• with Schmitt Trigger
buffer
—
—
0.2 VDD
V
1.8V ≤ VDD ≤ 5.5V
D303
• with I2C levels
—
—
0.3 VDD
V
2.0V ≤ VDD ≤ 5.5V
D304
• with SMBus levels
—
—
0.8
V
2.7V ≤ VDD ≤ 5.5V
D305
MCLR
—
—
0.2 VDD
V
Input High Voltage
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com