Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 365 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 365 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 361Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 362Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 363Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 364Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 365Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 366Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 439 page
background image
Parameter
Condition
Operating Voltage:
VDDMIN ≤ VDD ≤ VDDMAX
Operating Temperature:
TAMIN ≤ TA ≤ TAMAX
Parameter
Ratings
VDD — Operating Supply Voltage(1)
VDDMIN (FOSC ≤ 16 MHz)
+1.8V
VDDMIN (FOSC ≤ 32 MHz)
+2.5V
VDDMAX
+5.5V
TA — Operating Ambient Temperature Range
Industrial Temperature
TA_MIN
-40°C
TA_MAX
+85°C
Extended Temperature
TA_MIN
-40°C
TA_MAX
+125°C
Note: 
1.
See Parameter D002, DC Characteristics: Supply Voltage.
Figure 32-1. Voltage Frequency Graph, -40°C ≤ TA ≤ +125°C
Filename:
30-000069D.vsdx
Title:
Last Edit:
12/12/2019
First Used:
Notes:
Rev. 30-000069D
12/12/2019
5.5
2.5
1.8
Frequency (MHz)
0
4
10
16
32
Notes: 
1.
The shaded region indicates the permissible combinations of voltage and frequency.
2.
Refer to “External Clock/Oscillator Timing Requirements” section for each Oscillator mode’s supported
frequencies.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com