Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 369 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 369 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 365Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 366Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 439 page
background image
...........continued
Standard Operating Conditions (unless otherwise stated)
Param. No.
Sym.
Device Characteristics
Min.
Typ.†
Max.
Units
Conditions
VIH
I/O PORT:
D320
• with TTL buffer
2.0
—
—
V
4.5V ≤ VDD ≤ 5.5V
D321
0.25 VDD+0.8
—
—
V
1.8V ≤ VDD ≤ 4.5V
D322
• with Schmitt Trigger
buffer
0.8VDD
—
—
V
1.8V ≤ VDD ≤ 5.5V
D323
• with I2C levels
0.7 VDD
—
—
V
D324
• with SMBus levels
2.1
—
—
V
2.7V ≤ VDD ≤ 5.5V
D325
MCLR
0.8 VDD
—
—
V
Input Leakage Current(1)
D340
IIL
I/O PORTS
—
±5
±125
nA
VSS ≤ VPIN ≤VDD,
Pin at high-impedance,
85°C
D341
—
±5
±1000
nA
VSS ≤ VPIN ≤ VDD,
Pin at high-impedance,
125°C
D342
MCLR(2)
—
±50
±200
nA
VSS ≤ VPIN ≤VDD,
Pin at high-impedance,
85°C
Weak Pull-up Current
D350
IPUR
25
120
200
μA
VDD = 3.0V, VPIN = VSS
Output Low Voltage
D360
VOL
Standard I/O PORTS
—
—
0.6
V
IOL = 10 mA, VDD =
3.0V
Output High Voltage
D370
VOH
Standard I/O PORTS
VDD-0.7
—
—
V
IOH = 6 mA, VDD = 3.0V
All I/O Pins
D380
CIO
—
5
50
pF
† - Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Notes: 
1.
Negative current is defined as current sourced by the pin.
2.
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal
operating conditions. Higher leakage current may be measured at different input voltages.
32.3.5
Memory Programming Specifications
Table 32-5.
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Device Characteristics
Min.
Typ†
Max.
Units
Conditions
High Voltage Entry Programming Mode Specifications
MEM01 VIHH
Voltage on MCLR/VPP pin to enter
programming mode
7.9
—
9
V
(Note 2)
MEM02 IPPGM
Current on MCLR/VPP pin during
programming mode
—
—
0.6
mA
(Note 2)
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com