Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 373 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 373 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 376Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 439 page
background image
...........continued
Standard Operating Conditions (unless otherwise stated)
Param No. Sym.
Characteristic
Min.
Typ. †
Max.
Units
Conditions
System Oscillator
OS20
FOSC
System Clock
Frequency
—
—
32
MHz
Note 2, Note 3
OS21
FCY
Instruction
Frequency
—
FOSC/4
—
MHz
OS22
TCY
Instruction Period
125
1/FCY
—
ns
Note 1
* These parameters are characterized but not tested.
† - Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Notes: 
1.
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min” values with an external
clock applied to CLKIN pin. When an external clock input is used, the “max” cycle time limit is “DC” (no clock)
for all devices.
2.
The system clock frequency (FOSC) is selected by the “main clock switch controls” as described in the “OSC -
Oscillator Module” chapter.
3.
The system clock frequency (FOSC) must meet the voltage requirements defined in the “Standard Operating
Conditions” section.
32.4.2
Internal Oscillator Parameters(1)
Table 32-8.
Standard Operating Conditions (unless otherwise stated)
Param No. Sym.
Characteristic
Min.
Typ. †
Max.
Units
Conditions
OS50
FHFOSC
Precision Calibrated
HFINTOSC
Frequency
—
4
8
16
32
—
MHz
Note 2
OS51
FHFOSCLP
Low-Power
Optimized
HFINTOSC
Frequency
0.92
1.84
0.88
1.76
1
2
1
2
1.08
2.16
1.12
2.24
MHz
MHz
MHz
MHz
-40°C to 85°C
-40°C to 85°C
-40°C to 125 °C
-40°C to 125°C
OS52
FMFOSC
Internal Calibrated
MFINTOSC
Frequency
—
500
—
kHz
OS53
FLFOSC
Internal LFINTOSC
Frequency
26.5
31
36
kHz
OS54
THFOSCST
HFINTOSC Wake-up
from Sleep Start-up
Time
—
19
40
μs
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com