Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 371 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 371 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 367Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 368Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 369Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 370Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 371Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 372Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 373Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 374Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 439 page
background image
32.3.6
Thermal Characteristics
Table 32-6.
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C ≤ TA ≤ +125°C
Param No. Sym.
Characteristic
Typ. Units Conditions
TH01
θJA
Thermal Resistance Junction to
Ambient
70
°C/W 8-pin PDIP package
95.3 °C/W 8-pin SOIC package
52.26 °C/W 8-pin DFN package
100.0 °C/W 14-pin PDIP package
77.7 °C/W 14-pin SOIC package
100.0 °C/W 14-pin TSSOP package
30.9 °C/W 16-pin QFN package
62.2 °C/W 20-pin PDIP package
77.7 °C/W 20-pin SOIC package
31.1 °C/W 20-pin SSOP package
43.0 °C/W 20-pin VQFN package
TH03
TJMAX
Maximum Junction Temperature
150
°C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL+PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O = Σ(IOL*VOL)+Σ(IOH*(VDD-VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ-TA)/θJA(2)
Notes: 
1.
IDD is current to run the chip alone without driving any load on the output pins.
2.
TA = Ambient Temperature, TJ = Junction Temperature.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com