Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 426 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 426 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 422Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 423Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 424Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 425Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 426Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 427Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 428Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 429Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 430Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 439 page
background image
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2021 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
H
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
1.27 BSC
-
0.40
0.31
-
0.10
-
0.65
-
-
MILLIMETERS
MIN
NOM
20
1.27
0.51
2.65
0.30
MAX
L1
1.40 REF
Footprint
Overall Length
D
12.80 BSC
Terminal Thickness
c
0.25
-
0.75
R1
R2
θ
θ1
-
0.07
-
Lead Bend Radius
-
0.07
-
Lead Bend Radius
-
0°
8°
Foot Angle
-
0°
-
Lead Angle
θ2
-
Mold Draft Angle
2.05
-
θ3
-
Mold Draft Angle
10.30 BSC
7.50 BSC
15°
15°
5°
5°
20-Lead Plastic Small Outline (SO) - Wide, 7.50 mm Body [SOIC]
Microchip Technology Erawing C04-094 Rev E
Corner Chamfer
h
0.25
-
0.75
DETAIL B
or protrusion, which shall not exceed 0.25 mm per side.
3.
4.
Dimension D does not include mold flash, protrusions or gate burrs, which shall
§ Significant Characteristic
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash
R2
R1
θ3
θ2
θ1
θ
c
(L1)
L
§
PIC16F15213/14/23/24/43/44
Packaging Information
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com