Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 429 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 429 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 425Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 426Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 427Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 428Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 429Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 430Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 431Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 432Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 433Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 439 page
background image
Microchip Technology Drawing C04-072 Rev C Sheet 2 of 2
20-Lead Plastic Shrink Small Outline (SS) - 5.30 mm Body [SSOP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
R
0.38
-
0.22
b
Lead Width
8°
4°
0°
Foot Angle
0.25
-
0.09
c
Lead Thickness
0.95
0.75
0.55
L
Foot Length
7.50
7.20
6.90
D
Overall Length
5.60
5.30
5.00
E1
Molded Package Width
8.20
7.80
7.40
E
Overall Width
-
-
0.05
A1
Standoff
1.85
1.75
1.65
A2
Molded Package Thickness
2.00
-
-
A
Overall Height
0.65 BSC
e
Pitch
20
N
Number of Pins
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
Units
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
3. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.20mm per side.
Notes:
Footprint
L1
1.25 REF
PIC16F15213/14/23/24/43/44
Packaging Information
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com