Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 428 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 428 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 424Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 425Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 426Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 427Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 428Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 429Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 430Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 431Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 432Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 439 page
background image
Microchip Technology Drawing C04-072 Rev C Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
20-Lead Plastic Shrink Small Outline (SS) - 5.30 mm Body [SSOP]
© 2017 Microchip Technology Inc.
R
B
A
(DATUM B)
(DATUM A)
12
N
TOP VIEW
SIDE VIEW
E
0.15
C A B
C
SEATING
PLANE
D
A
20X b
E1
e
A2
A
A
0.10 C
20X
A1
VIEW A-A
L
H
(L1)
c
PIC16F15213/14/23/24/43/44
Packaging Information
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com