Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 103Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 104Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 105Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 106Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 107Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 108Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 109Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 110Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 439 page
background image
15.
NVM - Nonvolatile Memory Control
The Nonvolatile Memory (NVM) module provides run-time read and write access to the Program Flash Memory
(PFM) and Configuration bits. PFM includes the program memory and user ID space.
NVM is accessible using both FSR and INDF registers, or through the NVMREG register interface (see Table 15-1).
The write time is controlled by an on-chip timer. The write/erase voltages are generated by an on-chip charge pump
rated to operate over the operating voltage range of the device.
PFM can be protected in two ways: code protection and write protection. Code protection (Configuration bit CP)
disables PFM read and write access through an external device programmer. Write protection prevents user software
writes to NVM areas tagged for protection by the WRTn Configuration bits. Code protection does not affect the
self-write and erase functionality, whereas write protection does. Attempts to write a protected location will set the
WRERR bit. Code protection and write protection can only be reset on a Bulk Erase performed by an external
programmer.
The Bulk Erase command is used to completely erase program memory. The Bulk Erase command can only be
issued through an external programmer. There is no run time access for this command.
If the device is code-protected and a Bulk Erase command for the configuration memory is issued; all other memory
regions are also erased. Refer to the ”Programming Specifications” document for more details.
Table 15-1. NVM Organization and Access Information
Main Values
NVMREG Access
FSR Access
Memory
Function
Memory Type
Program
Counter
(PC), ICSP™
Address
NVMREGS bit
(NVMCON1)
NVMADR[14:0]
Allowed
Operations
FSR
Address
FSR Programming
Access
Reset Vector
Program Flash
Memory
0x0000
0
0x0000
Read/Write
0x8000
Read-Only
User Memory
0x0001
0
0x0001
0x8001
0x0003
0x0003
0x8003
INT Vector
0x0004
0
0x0004
0x8004
User Memory
0x0005
0
0x0005
0x8005
0x3FFF(1)
0x3FFF(1)
0xFFFF
User ID
Program Flash
Memory
0x8000
1
0x0000
Read/Write
No Access
0x8003
0x0003
Reserved
—
—
—
0x0004
—
Revision ID
Hard Coded in
Program Flash
Memory
0x8005
1
0x0005
Read
Device ID
0x8006
1
0x0006
CONFIG1
Program Flash
Memory
0x8007
1
0x0007
Read/Write
CONFIG2
0x8008
1
0x0008
CONFIG3
0x8009
1
0x0009
CONFIG4
0x800A
1
0x000A
CONFIG5
0x800B
1
0x000B
DIA and DCI
Hard Coded in
Program Flash
Memory
0x8100
1
0x0100
Read
0x82FF
1
0x02FF
Note: 
1.
The maximum Program Flash Memory address for the PIC16F152 family is 0x3FFF.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com