Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 107Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 108Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 109Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 110Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 113Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 439 page
background image
Note:  Sequence begins when NVMCON2 is written; the three unlock steps must occur in the
cycle-accurate order shown. If the timing of the sequence is corrupted by an interrupt or a
debugger Halt, the action will not take place.
15.1.2.3 NVMREG Erase of Program Memory
Before writing to program memory, the word(s) to be written must be erased or previously unwritten. Program
memory can only be erased one row at a time. No automatic erase occurs upon the initiation of the write to program
memory. To erase a program memory row:
1.
Clear the NVMREGS bit to erase program memory locations, or set the NMVREGS bit to erase User ID
locations.
2.
Write the desired address into the NVMADRH:NVMADRL register pair.
3.
Set the FREE and WREN bits.
4.
Perform the unlock sequence as described in the NVM Unlock Sequence section.
If the program memory address is write-protected, the WR bit will be cleared and the erase operation will not take
place.
While erasing program memory, the CPU operation is suspended and resumes when the operation is complete.
Upon completion, the NVMIF bit is set, and an interrupt will occur if the NVMIE bit is also set.
Write latch data is not affected by erase operations, and WREN will remain unchanged.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com