Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 109Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 110Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 113Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 439 page
background image
Example 15-3. Erasing One Row of Program Flash Memory
NVMCON1bits.NVMREGS = 0;
// Point to PFM
NVMADR = PFM_ADD;
// 14-bit PFM address
NVMCON1bits.FREE = 1;
// Specify an erase operation
NVMCON1bits.WREN = 1;
// Enable write/erase cycle
INTCONbits.GIE = 0;
// Disable interrupts during unlock sequence
//The next three steps are the required unlock sequence
NVMCON2 = 0x55;
// First unlock code
NVMCON2 = 0xAA;
// Second unlock code
NVMCON1bits.WR = 1;
// Initiate write/erase cycle
INTCONbits.GIE = 1;
// Enable interrupts
NVMCON1bits.WREN = 1;
// Disable writes
15.1.2.4 NVMREG Write to Program Memory
Program memory is programmed using the following steps:
1.
Load the address of the row to be programmed into NVMADRH:NVMADRL.
2.
Load each write latch with data via the NMVDATH:NVMDATL registers.
3.
Initiate a programming operation.
4.
Repeat steps 1 through 3 until all data is written.
Before writing to program memory, the word(s) to be written must be erased or previously unwritten. Program
memory can only be erased one row at a time. No automatic erase occurs upon the initiation of the write.
Program memory can be written one or more words at a time. The maximum number of words written at one time is
equal to the number of write latches. See Figure 15-4 for more details.
The write latches are aligned to the Flash row address boundary defined by the upper ten bits of
NVMADRH:NVMADRL, (NVMADRH[6:0]:NVMADRL[7:5]) with the lower five bits of NVMADRL, (NVMADRL[4:0])
determining the write latch being loaded. Write operations do not cross these boundaries. At the completion of a
program memory write operation, the data in the write latches is reset to contain 0x3FFF.
The following steps must be completed to load the write latches and program a row of program memory. These steps
are divided into two parts. First, each write latch is loaded with data from the NVMDATH:NVMDATL using the unlock
sequence with LWLO = 1. When the last word to be loaded into the write latch is ready, the LWLO bit is cleared and
the unlock sequence executed. This initiates the programming operation, writing all the latches into Flash program
memory.
Important:  The special unlock sequence is required to load a write latch with data or initiate a Flash
programming operation. If the unlock sequence is interrupted, writing to the latches or program memory
will not be initiated.
1.
Set the WREN bit.
2.
Clear the NVMREGS bit.
3.
Set the LWLO bit. When the LWLO bit is set (LWLO = 1), the write sequence will only load the write latches
and will not initiate the write to Program Flash Memory.
4.
Load the NVMADRH:NVMADRL register pair with the address of the location to be written.
5.
Load the NVMDATH:NVMDATL register pair with the program memory data to be written.
6.
Execute the unlock sequence. The write latch is now loaded.
7.
Increment the NVMADRH:NVMADRL register pair to point to the next location.
8.
Repeat steps 5 through 7 until all except the last write latch has been loaded.
9.
Clear the LWLO bit. When the LWLO bit is clear (LWLO = 0), the write sequence will initiate the write to
Program Flash Memory.
10. Load the NVMDATH:NVMDATL register pair with the program memory data to be written.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com