Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 110Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 113Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 439 page
background image
11. Execute the unlock sequence. The entire program memory latch content is now written to Flash program
memory.
Important:  The program memory write latches are reset to the Blank state (0x3FFF) at the completion
of every write or erase operation. As a result, it is not necessary to load all the program memory write
latches. Unloaded latches will remain in the Blank state.
An example of the complete write sequence is shown in Example 15-4. The initial address is loaded into the
NVMADRH:NVMADRL register pair; the data is loaded using indirect addressing.
Figure 15-4. NVMREG Writes to Program Flash Memory with 32 Write Latches
6
8
14
14
14
Write Latch #31
1Fh
14
14
Program Memory Write Latches
14
14
14
NVMADRH[6:0]
NVMADRL[7:5]
Program Flash Memory
Row
Row
Address
Decode
Addr
Write Latch #30
1Eh
Write Latch #1
01h
Write Latch #0
00h
Addr
Addr
Addr
000h
001Fh
001Eh
0000h
0001h
001h
003Fh
003Eh
0010h
0011h
002h
005Fh
005Eh
0020h
0021h
End
Addr
End Addr
14
NVMADRL[4:0]
Configuration Memory
NVMREGS =
0
NVMREGS = 1
NVMADRH
NVMADRL
7
6
0 7
5 4
0
c3
c2
c1
c0
r8
r7
r6
r5
r4
r3
r2
-
r0
c4
r1
NVMDATH
NVMDATL
7
5
0
7
0
-
-
5
10
r9
User ID, Device ID, Revision ID, Configuration Words, DIA, DCI
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com